Part Number Hot Search : 
M4100 2SK678 ACE24LC1 74F50729 TZA1000 DLW5BT 2SC5646A 3083MZ
Product Description
Full Text Search
 

To Download SS34-LFR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ss32-lfr thru ss310-lfr page: 1 frontier electronics corp. 667 e. cochran street, simi valley, ca 93065 tel: (805) 522-9998 fax: (805) 522-9989 e-mail: frontiersales@frontierusa.com web: http://www.frontierusa.com 3a surface mount schottky barrier rectifiers ss32-lfr thru ss310-lfr features z for surface mounted applications z low profile package z built-in strain relief z easy pick and place z plastic material used carries underwriters laboratory classification 94 v-0 z extremely low vf z majority carrier conduction z high temperature soldering: 250c/10 seconds at terminals z rohs mechanical data z case: molded plastic, do- 214ab (smc), dimensions in inches and (millimeters) z terminals: solder plated z polarity indicated by cathode band z weight 0.21 grams maximum ratings and electrical characteristics ratings at 25 c ambient temperature unless otherwise specified single phase, half wave, 60 hz, resistive or inducti ve load. for capacitive load, derate current by 20% ratings symbol ss32-lfr ss33-lfr SS34-LFR ss35- lfr ss36-lfr ss38-lfr ss310-lfr units maximum recurrent peak reverse voltage v rrm 20 30 40 50 60 80 100 v maximum rms voltage v rms 14 21 28 35 42 56 70 v maximum dc blocking voltage v dc 20 30 40 50 60 80 100 v maximum average forward rectified current see fig.1 i o 3.0 a maximum overload surge 8.3ms single half sine-wave i fsm 100 a typical junction capacitance (note 1) c j 300 pf typical thermal resistance (note 2) r jl 17 /w typical thermal resistance (note 2) r ja 55 /w storage temperature range t stg -55 to + 150 operating temperature range t op -55 to + 125 electrical characteristics (a t t a =25 c unless otherwise noted) characteristics symbo l ss32-lfr ss32-lfr ss33-lfr ss34- lfr ss35-lfr ss36-lfr ss38-lfr units maximum forward voltage at 3.0a and 25 v f 0.50 0.70 0.85 v maximum reverse current at 25 i r 0.5 ma note: 1. measured at 1.0 mhz and applied reverse voltage of 4.0 v 2. p.c.b. mounted 0.55?0.55 ?(1414 mm ) 0.013mm thick copper pad areas 3. sma package suffix ? a? , smb package suffix ?b?, smc no suffix .060(1.52) .030(0.76) .320(8.13) .305(7.75) .103(2.62) .079(2.06) .280(7.11) .260(6.60) .245(6.22) .220(5.59) .126(3.20) .114(2.90) cathode
ss32-lfr thru ss310-lfr page: 2 ratings and characteristic curve ss32-lfr thru ss310-lfr fig. 3a - typical reverse characteristics 100 10 1.0 .10 .01 .001 instantaneous reverse current, milliamperes 0 20 40 60 80 100 120 140 percent of rated peak reverse voltage, (%) t j =125 t j =75 t j =25 ss32-lf~ss34-lf 100 10 1.0 .10 .01 .001 instantaneous reverse current, milliamperes 0 20 40 60 80 100 120 140 percent of rated peak reverse voltage, (%) t j =150 t j = 75 pulse width=300us 1% duty cycle ss32-lf~ss34-lf ss35-lf~ss310-lf fig. 1 - forward current derating curve 3.0 2.25 1.5 0.75 0 average forward current amperes 0 25 50 75 100 125 150 175 single phase half wave 60h z resistive or inductive load lead temperature, p.c.b mounted on 0.30.3?(8.08.0mm) copper pad areas


▲Up To Search▲   

 
Price & Availability of SS34-LFR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X